| Zakładka z wyszukiwarką danych komponentów |
|
H8SX/1663 Arkusz danych(PDF) 115 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Arkusz danych(HTML) 115 Page - Renesas Technology Corp |
|
115 / 1158 page ![]() Section 2 CPU Rev.1.00 Jun. 07, 2006 Page 63 of 1102 REJ09B0294-0100 Table 2.15 Effective Address Calculation for Branch Instructions 31 0 31 0 31 0 31 0 31 31 23 0 0 31 31 0 0 31 0 2 or 4 7 1 7 vec op disp 1 2 3 4 5 6 op disp op r op aa op r op aa aa aa op aa aa 31 0 31 0 op vec 31 0 31 0 31 0 31 0 31 7 0 disp 31 0 31 0 31 15 0 disp 31 0 31 31 0 2 0 No. Register indirect Program-counter relative with 8-bit displacement 24-bit absolute address 32-bit absolute address Zero extension Contents of general register (RL, R, or ER) General register contents Sign extension Addressing Mode and Instruction Format Effective Address Calculation Effective Address (EA) PC contents Sign extension PC contents Zero extension Zero extension Memory contents Memory contents Zero extension PC contents Program-counter relative with 16-bit displacement Program-counter relative with index register Memory indirect Extended memory indirect + × + × + 2.8.13 MOVA Instruction The MOVA instruction stores the effective address in a general register. 1. Firstly, data is obtained by the addressing mode shown in item 2 of table 2.14. 2. Next, the effective address is calculated using the obtained data as the index by the addressing mode shown in item 5 of table 2.14. The obtained data is used instead of the general register. The result is stored in a general register. For details, see H8SX Family Software Manual. |