| Zakładka z wyszukiwarką danych komponentów |
|
H8SX/1663 Arkusz danych(PDF) 160 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Arkusz danych(HTML) 160 Page - Renesas Technology Corp |
|
160 / 1158 page ![]() Section 5 Interrupt Controller Rev.1.00 Jun. 07, 2006 Page 108 of 1102 REJ09B0294-0100 Bit Bit Name Initial Value R/W Description 15 SSI15 0 R/W Software Standby Release IRQ Setting This bit selects the IRQn interrupt used to leave software standby mode (n = 15). 0: An IRQn request is not sampled in software standby mode 1: When an IRQn request occurs in software standby mode, this LSI leaves software standby mode after the oscillation settling time has elapsed 14 to 12 All 0 R/W Reserved These bits are always read as 0. The write value should always be 0. 11 10 9 8 7 6 5 4 3 2 1 0 SSI11 SSI10 SSI9 SSI8 SSI7 SSI6 SSI5 SSI4 SSI3 SSI2 SSI1 SSI0 0 0 0 0 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W Software Standby Release IRQ Setting These bits select the IRQn interrupt used to leave software standby mode (n = 11 to 0). 0: An IRQn request is not sampled in software standby mode 1: When an IRQn request occurs in software standby mode, this LSI leaves software standby mode after the oscillation settling time has elapsed |