| Zakładka z wyszukiwarką danych komponentów |
|
H8SX/1663 Arkusz danych(PDF) 263 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Arkusz danych(HTML) 263 Page - Renesas Technology Corp |
|
263 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 211 of 1102 REJ09B0294-0100 6.7.6 Read Strobe ( RD) When the byte control SRAM space is specified, the RDNCR setting for the corresponding space is invalid. The read strobe negation timing is the same timing as when RDNn = 1 in the basic bus interface. Note that the RD timing with respect to the DACK rising edge becomes different. 6.7.7 Extension of Chip Select ( CS) Assertion Period In the byte control SRAM interface, the extension cycles can be inserted before and after the bus cycle in the same way as the basic bus interface. For details, refer to section 6.6.6, Extension of Chip Select ( CS) Assertion Period. 6.7.8 DACK Signal Output Timing For DMAC single address transfers, the DACK signal assert timing can be modified by using the DKC bit in BCR1. Figure 6.28 shows the DACK signal output timing. Setting the DKC bit to 1 asserts the DACK signal a half cycle earlier. |