| Zakładka z wyszukiwarką danych komponentów |
|
H8/3021 Arkusz danych(PDF) 205 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Arkusz danych(HTML) 205 Page - Renesas Technology Corp |
|
205 / 712 page ![]() 7. I/O Ports Rev.2.00 Mar. 22, 2007 Page 181 of 684 REJ09B0352-0200 Pin Pin Functions and Selection Method PB 2/ TP 10/ TIOCA 4 ITU channel 4 settings (bit CMD1 in TFCR, bit EA4 in TOER, bit PWM4 in TMDR, and bits IOA2 to IOA0 in TIOR4), bit NDER10 in NDERB, and bit PB 2DDR in PBDDR select the pin function as follows ITU channel 4 settings (1) in table below (2) in table below PB 2DDR — 0 1 1 NDER10 — — 0 1 Pin function TIOCA 4 output PB 2 input PB 2 output TP 10 output TIOCA 4 input* Note: * TIOCA 4 input when CMD1 = PWM4 = 0 and IOA2 = 1. ITU channel 4 settings (2) (2) (1) (2) (1) EA4 0 1 CMD1 — 0 1 PWM4 — 0 1 — IOA2 — 0 0 0 1 — — IOA1 — 0 0 1 — — — IOA0 — 0 1 — — — — |