| Zakładka z wyszukiwarką danych komponentów |
|
R8C/15 Arkusz danych(PDF) 261 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/15 Arkusz danych(HTML) 261 Page - Renesas Technology Corp |
|
261 / 277 page ![]() R8C/14 Group, R8C/15 Group 21. Precaution for On-chip Debugger Rev.2.10 Jan 19, 2006 Page 249 of 253 REJ09B0164-0210 21. Precaution for On-chip Debugger When using the on-chip debugger to develop the R8C/14 and R8C/15 groups program and debug, pay the following attention. (1) Do not use from OC000h address to OC7FFh because the on-chip debugger uses these addresses. (2) Do not set the address match interrupt (the registers of AIER, RMAD0, RMAD1 and the fixed vector tables) in a user system. (3) Do not use the BRK instruction in a user system. (4) The stack pointer with up to 8 bytes is used during the user program break. Therefore, save space of 8 bytes for the stack area. Connecting and using the on-chip debugger has some peculiar restrictions. Refer to each on-chip debugger manual for on-chip debugger details. |