| Zakładka z wyszukiwarką danych komponentów |
|
M16C/62 Arkusz danych(PDF) 485 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 Arkusz danych(HTML) 485 Page - Renesas Technology Corp |
|
485 / 621 page ![]() Timer A Applications Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 470 3.5 Solution for External Interrupt Pins Shortage Overview Specifications Operation The following are solution for external interrupt pins shortage. Figure 3.5.1 shows the set-up procedure. Use the following peripheral function: • Event counter mode of timer A (1) Inputting a falling edge to the TA0IN pin generates a timer A0 interrupt. (1) Set timer A0 to event counter mode, set timer to “0”, and set interrupt priority levels in timer A0. (2) Inputting a falling edge to the TA0IN pin generates a timer A0 interrupt. |