| Zakładka z wyszukiwarką danych komponentów |
|
SH7708 Arkusz danych(PDF) 208 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 Arkusz danych(HTML) 208 Page - Renesas Technology Corp |
|
208 / 633 page ![]() 190 10.1.3 Pin Configuration Table 10.1 lists the BSC pins. Table 10.1 Pin Configuration Pin Name Signal I/O Description Address bus A25–A0 O Address output Data bus D31–D24, D15–D0 I/O Data I/O When port function is used, D31–D24 cannot be used. Leave these pins open. Data bus/port D23–D16/ PORT7–PORT0 I/O When port function is not used, data I/O; when port function is used, port (I/O is set by register for each bit) Bus cycle start BS O Shows start of bus cycle. During burst transfers, asserts every data cycle. Chip select 6–0 CS6–CS0 O Chip select signal to indicate area being accessed. CS5 and CS6 can also be used as CE1A and CE1B of PCMCIA. Read/write RD/ WR O Data bus direction indicator signal. DRAM/synchronous DRAM/PCMCIA write indicator signal. Row address strobe RAS/CE O When DRAM/synchronous DRAM is used, RAS signal. When pseudo-SRAM is used, CE signal. Column address strobe CAS/CASLL/ OE O When synchronous DRAM is used, CAS signal. When DRAM is used, CAS signal for D7–D0. When pseudo-SRAM is used, OE/RFSH signal. Column address strobe LH CASLH O When DRAM is used, CAS signal for D15–D8 Column address strobe HL CASHL, CAS2L O When DRAM is used, CAS signal for D23–D16. When the area 2 DRAM is being used, CAS signal for D7–D0. Column address strobe HH CASHH, CAS2H O When DRAM is used, CAS signal for D31–D24. When the area 2 DRAM is being used, CAS signal for D15–D8. |