| Zakładka z wyszukiwarką danych komponentów |
|
H8/3003 Arkusz danych(PDF) 667 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Arkusz danych(HTML) 667 Page - Renesas Technology Corp |
|
667 / 715 page ![]() RDR—Receive Data Register H'B5 SCI0 SMR—Serial Mode Register H'B8 SCI1 BRR—Bit Rate Register H'B9 SCI1 SCR—Serial Control Register H'BA SCI1 Bit Initial value Read/Write 7 0 R 6 0 R 5 0 R 4 0 R 3 0 R 0 0 R 2 0 R 1 0 R Serial receive data Bit Initial value Read/Write 7 C/ 0 R/W 6 CHR 0 R/W 5 PE 0 R/W 4 O/ 0 R/W 3 STOP 0 R/W 0 CKS0 0 R/W 2 MP 0 R/W 1 CKS1 0 R/W Note: Bit functions are the same as for SCI0. AE Bit Initial value Read/Write 7 1 R/W 6 1 R/W 5 1 R/W 4 1 R/W 3 1 R/W 0 1 R/W 2 1 R/W 1 1 R/W Note: Bit functions are the same as for SCI0. Bit Initial value Read/Write 7 TIE 0 R/W 6 RIE 0 R/W 5 TE 0 R/W 4 RE 0 R/W 3 MPIE 0 R/W 0 CKE0 0 R/W 2 TEIE 0 R/W 1 CKE1 0 R/W Note: Bit functions are the same as for SCI0. 649 |