| Zakładka z wyszukiwarką danych komponentów |
|
H8/3003 Arkusz danych(PDF) 674 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Arkusz danych(HTML) 674 Page - Renesas Technology Corp |
|
674 / 715 page ![]() PBDR—Port B Data Register H'D6 Port B PCDR—Port C Data Register H'D7 Port C P4PCR—Port 4 Input Pull-Up Control Register H'DA Port 4 Bit Initial value Read/Write 0 PB 0 R/W 0 1 PB 0 R/W 1 2 PB 0 R/W 2 3 PB 0 R/W 3 4 PB 0 R/W 4 5 PB 0 R/W 5 6 PB 0 R/W 6 7 PB 0 R/W 7 Data for port B pins Bit Initial value Read/Write 0 PC 0 R/W 0 1 PC 0 R/W 1 2 PC 0 R/W 2 3 PC 0 R/W 3 4 PC 0 R/W 4 5 PC 0 R/W 5 6 PC 0 R/W 6 7 PC 0 R/W 7 Data for port C pins Bit Initial value Read/Write 7 P4 PCR 0 R/W 7 6 P4 PCR 0 R/W 6 5 P4 PCR 0 R/W 5 4 P4 PCR 0 R/W 4 3 P4 PCR 0 R/W 3 2 P4 PCR 0 R/W 2 1 P4 PCR 0 R/W 1 0 P4 PCR 0 R/W 0 Port 4 input pull-up control 7 to 0 0 Input pull-up transistor is off 1 Input pull-up transistor is on Note: Valid when the corresponding P4DDR bit is cleared to 0 (designating generic input). 656 |