| Zakładka z wyszukiwarką danych komponentów |
|
H8/3003 Arkusz danych(PDF) 172 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Arkusz danych(HTML) 172 Page - Renesas Technology Corp |
|
172 / 715 page ![]() Example 2: Connection to 2 WE 4-Mbit DRAM (16-Mbyte Mode): Figure 7-9 shows typical interconnections to a single 2 WE 4-Mbit DRAM, and the corresponding address map. Figure 7-10 shows a setup procedure to be followed by a program for this example. The DRAM in this example has 10-bit row addresses and 8-bit column addresses. Its address area is H'600000 to H'67FFFF. Figure 7-9 Interconnections and Address Map for 2 WE 4-Mbit DRAM (Example) A A A A A A A A 8 7 6 5 4 3 2 1 CS RD HWR LWR 3 D to D 0 15 A A A A A A A A 7 6 5 4 3 2 1 0 RAS CAS UW LW OE I/O to I/O 15 0 A A 18 17 A A 9 8 H'600000 H'67FFFF H'680000 H'7FFFFF H8/3003 2 4-Mbit DRAM with 10-bit row address, 8-bit column address, and 16-bit organization a. Interconnections (example) b. Address map DRAM area Not used Area 3 (16-Mbyte mode) WE × 154 |