| Zakładka z wyszukiwarką danych komponentów |
|
H8/3028F Arkusz danych(PDF) 408 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Arkusz danych(HTML) 408 Page - Renesas Technology Corp |
|
408 / 923 page ![]() Rev. 2.00, 09/03, page 378 of 890 10.2 Register Descriptions 10.2.1 Timer Counters (8TCNT) 15 0 R/W Bit Initial value Read/Write 14 0 R/W Bit Initial value Read/Write 13 0 R/W 12 0 R/W 11 0 R/W 10 0 R/W 9 0 R/W 8 0 R/W 7 0 R/W 6 0 R/W 5 0 R/W 4 0 R/W 3 0 R/W 2 0 R/W 1 0 R/W 0 0 R/W 8TCNT0 8TCNT1 15 0 R/W 14 0 R/W 13 0 R/W 12 0 R/W 11 0 R/W 10 0 R/W 9 0 R/W 8 0 R/W 7 0 R/W 6 0 R/W 5 0 R/W 4 0 R/W 3 0 R/W 2 0 R/W 1 0 R/W 0 0 R/W 8TCNT2 8TCNT3 The timer counters (8TCNT) are 8-bit readable/writable up-counters that increment on pulses generated from an internal or external clock source. The clock source is selected by clock select bits 2 to 0 (CKS2 to CKS0) in the timer control register (8TCR). The CPU can always read or write to the timer counters. The 8TCNT0 and 8TCNT1 pair, and the 8TCNT2 and 8TCNT3 pair, can each be accessed as a 16-bit register by word access. 8TCNT can be cleared by an input capture signal or compare match signal. Counter clear bits 1 and 0 (CCLR1 and CCLR0) in 8TCR select the method of clearing. When 8TCNT overflows from H'FF to H'00, the overflow flag (OVF) in the timer control/status register (8TCSR) is set to 1. Each 8TCNT is initialized to H'00 by a reset and in standby mode. |