Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

H8/3028F Arkusz danych(PDF) 547 Page - Renesas Technology Corp

Numer części H8/3028F
Szczegółowy opis  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Arkusz danych(HTML) 547 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 543Page - Renesas Technology Corp H8/3028F Datasheet HTML 544Page - Renesas Technology Corp H8/3028F Datasheet HTML 545Page - Renesas Technology Corp H8/3028F Datasheet HTML 546Page - Renesas Technology Corp H8/3028F Datasheet HTML 547Page - Renesas Technology Corp H8/3028F Datasheet HTML 548Page - Renesas Technology Corp H8/3028F Datasheet HTML 549Page - Renesas Technology Corp H8/3028F Datasheet HTML 550Page - Renesas Technology Corp H8/3028F Datasheet HTML 551Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 547 / 923 page
background image
Rev. 2.00, 09/03, page 517 of 890
Bit 2—Smart Card Data Invert (SINV): Specifies inversion of the data logic level. This
function is used in combination with the SDIR bit to communicate with inverse-convention
cards.*2 The SINV bit does not affect the logic level of the parity bit. For parity settings, see
section 14.3.4, Register Settings.
Bit 2
SINV
Description
0
Unmodified TDR contents are transmitted
(Initial value)
Receive data is stored unmodified in RDR
1
Inverted TDR contents are transmitted
Receive data is inverted before storage in RDR
Bit 1—Reserved: Read-only bit, always read as 1.
Bit 0—Smart Card Interface Mode Select (SMIF): Enables the smart card interface function.
Bit 0
SMIF
Description
0
Smart card interface function is disabled
(Initial value)
1
Smart card interface function is enabled
Notes: 1. The function for switching between LSB-first and MSB-first mode can also be used
with the normal serial communication interface. Note that when the communication
format data length is set to 7 bits and MSB-first mode is selected for the serial data to
be transferred, bit 0 of TDR is not transmitted, and only bits 7 to 1 of the received data
are valid.
2. The data logic level inversion function can also be used with the normal serial
communication interface. Note that, when inverting the serial data to be transferred,
parity transmission and parity checking is based on the number of high-level periods at
the serial data I/O pin, and not on the register value.
14.2.2
Serial Status Register (SSR)
The function of SSR bit 4 is modified in smart card interface mode. This change also causes a
modification to the setting conditions for bit 2 (TEND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More