| Zakładka z wyszukiwarką danych komponentów |
|
H8/3028F Arkusz danych(PDF) 612 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Arkusz danych(HTML) 612 Page - Renesas Technology Corp |
|
612 / 923 page ![]() Rev. 2.00, 09/03, page 582 of 890 Note: Bits 7 and 4 in this register are read-only. These bits must not be set to 1. If bits 7 and 4 are set when an EBR1/EBR2 bit is set, EBR1/EBR2 will be initialized to H'00. Table 18.4 Flash Memory Erase Blocks Block (Size) Addresses EB0 (4 kbytes) H'000000 to H'000FFF EB1 (4 kbytes) H'001000 to H'001FFF EB2 (4 kbytes) H'002000 to H'002FFF EB3 (4 kbytes) H'003000 to H'003FFF EB4 (4 kbytes) H'004000 to H'004FFF EB5 (4 kbytes) H'005000 to H'005FFF EB6 (4 kbytes) H'006000 to H'006FFF EB7 (4 kbytes) H'007000 to H'007FFF EB8 (32 kbytes) H'008000 to H'00FFFF EB9 (64 kbytes) H'010000 to H'01FFFF EB10 (64 kbytes) H'020000 to H'02FFFF EB11 (64 kbytes) H'030000 to H'03FFFF EB12 (64 kbytes) H'040000 to H'04FFFF EB13 (64 kbytes) H'050000 to H'05FFFF 18.3.5 RAM Control Register (RAMCR) Bit 7 654321 0 — — — — RAMS RAM2 RAM1 RAM0 Initial value 1 1 1 1 0 0 0 0 Read/Write R R R R R/W R/W R/W R/W RAMCR specifies the area of flash memory to be overlapped with part of RAM when emulating realtime flash memory programming. RAMCR is initialized to H'00 by a reset and in hardware standby mode. RAMCR settings should be made in user mode or user program mode. Flash memory area divisions are shown in table 18.5. To ensure correct operation of the emulation function, the ROM for which RAM emulation is performed should not be accessed immediately after this register has been modified. Normal execution of an access immediately after register modification is not guaranteed. Bits 7 to 4—Reserved: These bits cannot be modified and are always read as 1. |