Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

H8/3028F Arkusz danych(PDF) 641 Page - Renesas Technology Corp

Numer części H8/3028F
Szczegółowy opis  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Arkusz danych(HTML) 641 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 637Page - Renesas Technology Corp H8/3028F Datasheet HTML 638Page - Renesas Technology Corp H8/3028F Datasheet HTML 639Page - Renesas Technology Corp H8/3028F Datasheet HTML 640Page - Renesas Technology Corp H8/3028F Datasheet HTML 641Page - Renesas Technology Corp H8/3028F Datasheet HTML 642Page - Renesas Technology Corp H8/3028F Datasheet HTML 643Page - Renesas Technology Corp H8/3028F Datasheet HTML 644Page - Renesas Technology Corp H8/3028F Datasheet HTML 645Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 641 / 923 page
background image
Rev. 2.00, 09/03, page 611 of 890
RD VF PR ER FLER = 0
Error
occurrence
RES = 0 or STBY = 0
RES = 0 or
STBY = 0
RD VF PR ER INIT FLER = 0
Program mode
Erase mode
Reset or standby
(hardware protection)
RD VF
PR ER FLER = 1
RD VF PR ER INIT FLER = 1
Error protection mode
Error protection mode
(software standby)
Software
standby mode
FLMCR1, EBR1, EBR2
initialization state
FLMCR1, FLMCR2,
EBR1, EBR2
initialization state
Software standby
mode release
RD: Memory read possible
VF:
Verify-read possible
PR:
Programming possible
ER:
Erasing possible
RD: Memory read not possible
VF: Verify-read not possible
PR: Programming not possible
ER: Erasing not possible
INIT: Register initialization state
RES = 0 or
STBY = 0
Error occurrence
(software standby)
Figure 18.12 Flash Memory State Transitions
(When High Level is Applied to FWE Pin in Mode 5 or 7 (On-Chip ROM Enabled))
The error protection function is invalid for abnormal operations other than the FLER bit setting
conditions. Also, if a certain time has elapsed before this protection state is entered, damage may
already have been caused to the flash memory. Consequently, this function cannot provide
complete protection against damage to flash memory.
To prevent such abnormal operations, therefore, it is necessary to ensure correct operation in
accordance with the program/erase algorithm, with the flash write enable (FWE) voltage applied,
and to conduct constant monitoring for MCU errors, internally and externally, using the watchdog
timer or other means. There may also be cases where the flash memory is in an erroneous
programming or erroneous erasing state at the point of transition to this protection mode, or where
programming or erasing is not properly carried out because of an abort. In cases such as these, a
forced recovery (program rewrite) must be executed using boot mode. However, it may also
happen that boot mode cannot be normally initiated because of overprogramming or overerasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More