| Zakładka z wyszukiwarką danych komponentów |
|
H8/3028F Arkusz danych(PDF) 666 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Arkusz danych(HTML) 666 Page - Renesas Technology Corp |
|
666 / 923 page ![]() Rev. 2.00, 09/03, page 636 of 890 Bit 7—Software Standby (SSBY): Enables transition to software standby mode. When software standby mode is exited by an external interrupt, this bit remains set to 1 after the return to normal operation. To clear this bit, write 0. Bit 7 SSBY Description 0 SLEEP instruction causes transition to sleep mode (Initial value) 1 SLEEP instruction causes transition to software standby mode Bits 6 to 4—Standby Timer Select (STS2 to STS0): These bits select the length of time the CPU and on-chip supporting modules wait for the clock to settle when software standby mode is exited by an external interrupt. If the clock is generated by a crystal resonator, set these bits according to the clock frequency so that the waiting time will be at least 7 ms (oscillation settling time). See table 20.3. If an external clock is used, set these bits so that the waiting time will be at least 100 µs. Bit 6 STS2 Bit 5 STS1 Bit 4 STS0 Description 0 0 0 Waiting time = 8,192 states (Initial value) 1 Waiting time = 16,384 states 1 0 Waiting time = 32,768 states 1 Waiting time = 65,536 states 1 0 0 Waiting time = 131,072 states 1 Waiting time = 262,144 states 1 0 Waiting time = 1,024 states 1 Illegal setting Bit 1—Software Standby Output Port Enable (SSOE): Specifies whether the address bus and bus control signals ( CS 0 to CS7, AS, RD, HWR, LWR, UCAS, LCAS, and RFSH) are kept as outputs or fixed high, or placed in the high-impedance state in software standby mode. Bit 1 SSOE Description 0 In software standby mode, the address bus and bus control signals are all high- impedance (Initial value) 1 In software standby mode, the address bus retains its output state and bus control signals are fixed high |