| Zakładka z wyszukiwarką danych komponentów |
|
H8/3028F Arkusz danych(PDF) 679 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Arkusz danych(HTML) 679 Page - Renesas Technology Corp |
|
679 / 923 page ![]() Rev. 2.00, 09/03, page 649 of 890 Item Symbol Min Typ Max Unit Test Conditions Ports 1 to 6 Ports 8 to B |ITSI|— — 1.0 µA Vin = 0.5 V to VCC – 0.5 V Three-state leakage current RESO —— 10.0 µA Vin = 0 V Input pull-up MOS current Ports 2, 4, and 5 –Ip 10 — 300 µA Vin = 0 V NMI Cin —— 50 pF Input capacitance All input pins except NMI —— 15 pF Vin = 0 V f = fmin Ta = 25°C Normal operation ICC* 3 —37 (3.3 V) 58 mA f = 25 MHz Sleep mode — 29 (3.3 V) 47 mA Module standby mode —21 (3.3 V) 37 mA Standby mode — 1.0 10 µA Ta ≤ 50°C Current dissipation* 2 —— 80 µA 50°C < Ta During A/D conversion AICC —0.6 1.5 mA Analog power supply current During A/D and D/A conversion —0.6 1.5 mA Idle — 0.01 5.0 µA DASTE = 0 During A/D conversion AICC — 0.45 0.8 mA During A/D and D/A conversion —2.0 3.0 mA Reference current Idle — 0.01 5.0 µA DASTE = 0 RAM standby voltage VRAM 2.0 — — V Notes: 1. If the A/D converter is not used, do not leave the AVCC, VREF, and AVSS pins open. Connect AVCC and VREF to VCC, and connect AVSS to VSS. 2. Current dissipation values are for VIH min = VCC – 0.5 V and VIL max = 0.5 V with all output pins unloaded and the on-chip MOS pull-up transistors in the off state. The values are for VRAM ≤ VCC < 3.0 V, VIH min = VCC × 0.9, and VIL max = 0.3 V. 3. ICC max. (normal operation) = 6.0 (mA) + 0.577 (mA/(MHz × V)) × VCC × f ICC max. (sleep mode) = 6.0 (mA) + 0.455 (mA/(MHz × V)) × VCC × f ICC max. (sleep mode + module standby mode) = 6.0 (mA) + 0.344 (mA/(MHz × V)) × VCC × f The Typ values for power consumption are reference values. |