| Zakładka z wyszukiwarką danych komponentów |
|
H8/3028F Arkusz danych(PDF) 698 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Arkusz danych(HTML) 698 Page - Renesas Technology Corp |
|
698 / 923 page ![]() Rev. 2.00, 09/03, page 668 of 890 Table 21.16 Timing of On-Chip Supporting Modules Conditions: VCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, VREF = 3.0 V to AVCC, VSS = AVSS = 0 V, Ta = –20°C to +75°C (regular specifications), Ta = –40°C to +85°C (wide-range specifications) Condition f = 2 M to 25 MHz Module Item Symbol Min Max Unit Test Conditions Output data delay time tPWD — 50 ns Figure 21.20 Input data setup time tPRS 50 — ns Ports and TPC Input data hold time tPRH 50 — ns 16-bit timer Timer output delay time tTOCD — 50 ns Figure 21.21 Timer input setup time tTICS 50 — ns Timer clock input setup time tTCKS 50 — ns Figure 21.22 Single edge tTCKWH 1.5 — tcyc Timer clock pulse width Both edges t TCKWL 2.5 — tcyc 8-bit timer Timer output delay time tTOCD — 50 ns Figure 21.21 Timer input setup time tTICS 50 — ns Timer clock input setup time tTCKS 50 — ns Figure 21.22 Single edge tTCKWH 1.5 — tcyc Timer clock pulse width Both edges t TCKWL 2.5 — tcyc |