| Zakładka z wyszukiwarką danych komponentów |
|
H8/3028F Arkusz danych(PDF) 739 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Arkusz danych(HTML) 739 Page - Renesas Technology Corp |
|
739 / 923 page ![]() Rev. 2.00, 09/03, page 709 of 890 A.3 Number of States Required for Execution The tables in this section can be used to calculate the number of states required for instruction execution by the H8/300H CPU. Table A.4 indicates the number of instruction fetch, data read/write, and other cycles occurring in each instruction. Table A.3 indicates the number of states required per cycle according to the bus size. The number of states required for execution of an instruction can be calculated from these two tables as follows: Number of states = I × SI + J × SJ + K × SK + L × SL + M × SM + N × SN Examples of Calculation of Number of States Required for Execution Examples: Advanced mode, stack located in external address space, on-chip supporting modules accessed with 8-bit bus width, external devices accessed in three states with one wait state and 16-bit bus width. BSET #0, @FFFFC7:8 From table A.4, I = L = 2 and J = K = M = N = 0 From table A.3, SI = 4 and SL = 3 Number of states = 2 × 4 + 2 × 3 = 14 JSR @@30 From table A.4, I = J = K = 2 and L = M = N = 0 From table A.3, SI = SJ = SK = 4 Number of states = 2 × 4 + 2 × 4 + 2 × 4 = 24 |