| Zakładka z wyszukiwarką danych komponentów |
|
H8/3028F Arkusz danych(PDF) 797 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Arkusz danych(HTML) 797 Page - Renesas Technology Corp |
|
797 / 923 page ![]() Rev. 2.00, 09/03, page 767 of 890 BCR—Bus Control Register H'EE024 Bus controller Bit Initial value Read/Write 1 R/W 7 ICIS1 1 R/W 6 ICIS0 0 R/W 5 BROME 0 R/W 4 BRSTS1 0 R/W 3 BRSTS0 1 — 2 — 1 R/W 1 RDEA 0 R/W 0 WAITE 0 1 WAIT pin wait input is disabled WAIT pin wait input is enabled Burst cycle select 1 0 1 Burst access cycle comprises 2 states Burst access cycle comprises 3 states Burst ROM enable 0 1 Area 0 is a basic bus interface area Area 0 is a burst ROM interface area Idle cycle insertion 0 0 1 No idle cycle is inserted in case of consecutive external read and write cycles Idle cycle is inserted in case of consecutive external read and write cycles Idle cycle insertion 1 0 1 No idle cycle is inserted in case of consecutive external read cycles for different areas Idle cycle is inserted in case of consecutive external read cycles for different areas Burst cycle select 0 0 1 Max. 4 words in burst access Max. 8 words in burst access Area division unit select 0 1 Area divisions are as follows: Areas 0 to 7 are the same size (2 MB) Wait pin enable Area 0: 2 MB Area 4: 1.93 MB Area 1: 2 MB Area 5: 4 kB Area 2: 8 MB Area 6: 23.75 kB Area 3: 2 MB Area 7: 22 B |