| Zakładka z wyszukiwarką danych komponentów |
|
H8/3028F Arkusz danych(PDF) 805 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Arkusz danych(HTML) 805 Page - Renesas Technology Corp |
|
805 / 923 page ![]() Rev. 2.00, 09/03, page 775 of 890 P4PCR—Port 4 Input Pull-Up Control Register H'EE03E Port 4 Bit Initial value Read/Write 0 R/W 7 P47PCR 0 R/W 6 P46PCR 0 R/W 5 P45PCR 0 R/W 4 P44PCR 0 R/W 3 P43PCR 0 R/W 2 P42PCR 0 R/W 1 P41PCR 0 R/W 0 P40PCR Port 4 input pull-up control 7 to 0 0 1 Input pull-up transistor is off Input pull-up transistor is on Note: Valid when the corresponding P4DDR bit is cleared to 0 (designating generic input). P5PCR—Port 5 Input Pull-Up Control Register H'EE03F Port 5 Bit Initial value Read/Write 1 — 7 — 1 — 6 — 1 — 5 — 1 — 4 — 0 R/W 3 P53PCR 0 R/W 2 P52PCR 0 R/W 1 P51PCR 0 R/W 0 P50PCR Port 5 input pull-up control 3 to 0 0 1 Input pull-up transistor is off Input pull-up transistor is on Note: Valid when the corresponding P5DDR bit is cleared to 0 (designating generic input). |