Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

H8/3028F Arkusz danych(PDF) 835 Page - Renesas Technology Corp

Numer części H8/3028F
Szczegółowy opis  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Arkusz danych(HTML) 835 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 831Page - Renesas Technology Corp H8/3028F Datasheet HTML 832Page - Renesas Technology Corp H8/3028F Datasheet HTML 833Page - Renesas Technology Corp H8/3028F Datasheet HTML 834Page - Renesas Technology Corp H8/3028F Datasheet HTML 835Page - Renesas Technology Corp H8/3028F Datasheet HTML 836Page - Renesas Technology Corp H8/3028F Datasheet HTML 837Page - Renesas Technology Corp H8/3028F Datasheet HTML 838Page - Renesas Technology Corp H8/3028F Datasheet HTML 839Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 835 / 923 page
background image
Rev. 2.00, 09/03, page 805 of 890
TCSR0—Timer Control/Status Register 0
H'FFF82
8-bit timer channel 0
Output select A1 and A0
0
Description
Description
Bit 1
OS1
Bit 0
OS0
ICE in
TCSR1
Bit 3
OIS3
Bit 2
OIS2
1
0
1
No change at compare match A
0 output at compare match A
1 output at compare match A
Output toggles at compare match A
Output/input capture edge select B3 and B2
0
0
1
0
1
0
1
0
1
0
1
1
0
No change at compare match B
0 output at compare match B
1 output at compare match B
Output toggles at compare match B
TCORB input capture on rising edge
TCORB input capture on falling edge
TCORB input capture on both rising
and falling edges
1
Timer overflow flag
0
[Clearing condition]
Read OVF when OVF = 1, then write 0 in OVF.
Bit
Initial value
Read/Write
0
R/(W)*
7
CMFB
0
R/(W)*
6
CMFA
0
R/(W)*
5
OVF
0
R/W
4
ADTE
0
R/W
3
OIS3
0
R/W
2
OIS2
0
R/W
1
OS1
0
R/W
0
OS0
0
1
1
[Setting condition]
TCNT overflows from H'FF to H'00.
Compare match flag A
0
[Clearing condition]
Read CMFA when CMFA = 1, then write 0 in CMFA.
1
[Setting condition]
TCNT = TCORA
Compare match/input capture flag B
0
[Clearing condition]
Read CMFB when CMFB = 1, then write 0 in CMFB.
1
[Setting conditions]
• TCNT = TCORB
• The TCNT value is transferred to TCORB by an input capture signal when
TCORB functions as an input capture register.
Note:
* Only 0 can be written to bits 7 to 5, to clear these flags.
Note:
* TRGE is bit 7 of the A/D control register (ADCR).
A/D trigger enable (TCSR0 only)
TRGE*
Bit 4
ADTE
Description
0
0
A/D converter start requests by compare match A
or an external trigger are disabled
1
A/D converter start requests by compare match A
or an external trigger are enabled
1
0
A/D converter start requests by an external trigger are enabled
1
A/D converter start requests by compare match A are enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More