| Zakładka z wyszukiwarką danych komponentów |
|
H8/3028F Arkusz danych(PDF) 905 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Arkusz danych(HTML) 905 Page - Renesas Technology Corp |
|
905 / 923 page ![]() Rev. 2.00, 09/03, page 875 of 890 Pin Name Mode Reset Hardware Standby Mode Software Standby Mode Bus-Released Mode Program Execution Mode PB3 1 to 5 T T • RAS4 output* 12 (SSOE=0) T (SSOE=1) H • CS output* 13 (SSOE=0) T (SSOE=1) H • Otherwise* 14 Keep • RAS4 output* 12 T • CS output* 13 T • Otherwise* 14 Keep • RAS4 output RAS4 • CS output CS4 • Otherwise I/O port 6, 7 T T Keep — I/O port PB5 to PB4 1 to 5 T T • CAS output* 15 (SSOE=0) T (SSOE=1) H • Otherwise* 16 Keep • CAS output* 15 T • Otherwise* 16 Keep • CAS output UCAS, LCAS • Otherwise I/O port 6, 7 T T Keep — I/O port PB7 to PB4 1 to 7 T T Keep Keep I/O port RESO*1 —T*1 TT T* 1 T Legend H: High L: Low T: High-impedance state Keep: Input pins are in the high-impedance state; output pins maintain their previous state. DDR: Data direction register Notes: 1. When bits DRAS2, DRAS1, and DRAS0 in DRCRA (DRAM control register A) are all cleared to 0. 2. When any of bits DRAS2, DRAS1, or DRAS0 in DRCRA (DRAM control register A) is set to 1. 3. When the setting of bits DRAS2, DRAS1, and DRAS0 in DRCRA (DRAM control register A) is 010, 100, or 101. 4. When the setting of bits DRAS2, DRAS1, and DRAS0 in DRCRA (DRAM control register A) is other than 010, 100, 101, or 000. 5. When bit A23E, A22E, or A21E, respectively, in BRCR (bus release control register) is cleared to 0. 6. When bit A23E, A22E, or A21E, respectively, in BRCR (bus release control register) is set to 1. 7. When bit CS7E or CS6E, respectively, in CSCR (chip select control register) is set to 1. |