Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

H8/3028F Arkusz danych(PDF) 123 Page - Renesas Technology Corp

Numer części H8/3028F
Szczegółowy opis  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Arkusz danych(HTML) 123 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 119Page - Renesas Technology Corp H8/3028F Datasheet HTML 120Page - Renesas Technology Corp H8/3028F Datasheet HTML 121Page - Renesas Technology Corp H8/3028F Datasheet HTML 122Page - Renesas Technology Corp H8/3028F Datasheet HTML 123Page - Renesas Technology Corp H8/3028F Datasheet HTML 124Page - Renesas Technology Corp H8/3028F Datasheet HTML 125Page - Renesas Technology Corp H8/3028F Datasheet HTML 126Page - Renesas Technology Corp H8/3028F Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 923 page
background image
Rev. 2.00, 09/03, page 93 of 890
5.3
Interrupt Sources
The interrupt sources include external interrupts (NMI, IRQ0 to IRQ5) and 36 internal interrupts.
5.3.1
External Interrupts
There are seven external interrupts: NMI, and IRQ0 to IRQ5. Of these, NMI, IRQ0, IRQ1, and IRQ2
can be used to exit software standby mode.
NMI: NMI is the highest-priority interrupt and is always accepted, regardless of the states of the I
and UI bits in CCR*. The NMIEG bit in SYSCR selects whether an interrupt is requested by the
rising or falling edge of the input at the NMI pin. NMI interrupt exception handling has vector
number 7.
Note: * NMI input is sometimes disabled. For details see section 18.9, NMI Input Disabling
Conditions.
IRQ0 to IRQ5 Interrupts: These interrupts are requested by input signals at pins IRQ0 to IRQ5.
The IRQ0 to IRQ5 interrupts have the following features.
• ISCR settings can select whether an interrupt is requested by the low level of the input at pins
IRQ
0 to IRQ5, or by the falling edge.
• IER settings can enable or disable the IRQ0 to IRQ5 interrupts. Interrupt priority levels can be
assigned by four bits in IPRA (IPRA7 to IPRA4).
• The status of IRQ0 to IRQ5 interrupt requests is indicated in ISR. The ISR flags can be cleared
to 0 by software.
Figure 5.2 shows a block diagram of interrupts IRQ0 to IRQ5.
input
Edge/level
sense circuit
IRQnSC
IRQnF
S
R
Q
IRQnE
IRQn interrupt
request
Clear signal
IRQn
Note: n = 5 to 0
Figure 5.2 Block Diagram of Interrupts IRQ0 to IRQ5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More