| Zakładka z wyszukiwarką danych komponentów |
|
M38046F0HKP Arkusz danych(PDF) 116 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38046F0HKP Arkusz danych(HTML) 116 Page - Renesas Technology Corp |
|
116 / 387 page ![]() 1-98 REJ09B0212-0100Z Rev.1.00 Jan 14, 2005 3804 Group (Spec.H) HARDWARE FUNCTIONAL DESCRIPTION Fig. 91 Operating waveform for standard serial I/O mode 1 Fig. 92 Operating waveform for standard serial I/O mode 2 Power source RESET CNVSS P45(TXD) P46(SCLK) P47(BUSY) P44(RXD) td(CNVSS-RESET) td(P45-RESET) Symbol td(CNVss-RESET) td(P45-RESET) Limits Min. Typ. Max. Unit 0 0 – – ms ms Notes: In the standard serial I/O mode 1, input “H” to the P46 pin. Be sure to set the CNVss pin to “H” before rising RESET. Be sure to set the P45 pin to “H” before rising RESET. Power source RESET CNVSS P45(TXD) P47(BUSY) P44(RXD) P46(SCLK) td(CNVSS-RESET) td(P45-RESET) Symbol td(CNVss-RESET) td(P45-RESET) Limits Min. Typ. Max. Unit 0 0 – – ms ms Notes: In the standard serial I/O mode 2, input “H” to the P46 pin. Be sure to set the CNVss pin to “H” before rising RESET. Be sure to set the P45 pin to “H” before rising RESET. |