| Zakładka z wyszukiwarką danych komponentów |
|
M38045F9HKP Arkusz danych(PDF) 277 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38045F9HKP Arkusz danych(HTML) 277 Page - Renesas Technology Corp |
|
277 / 387 page ![]() 2-153 APPLICATION 2.12 Standby function Rev.1.00 Jan 14, 2005 REJ09B0212-0100Z 3804 Group (Spec.H) 2.12.2 Wait mode The wait mode is set by execution of the WIT instruction. In the wait mode, oscillation continues, but the internal clock φ stops at the “H” level. The CPU stops, but most of the peripheral units continue operating. (1) State in wait mode The continuation of oscillation permits clock supply to the peripheral units. Table 2.12.2 shows the state in the wait mode. Table 2.12.2 State in wait mode Item Oscillation CPU Internal clock φ I/O ports P0–P6 Timer PWM Watchdog timer Serial I/O1, Serial I/O2, Serial I/O3 I2C-BUS interface A/D converter D/A converter State in wait mode Operating. Stopped. Stopped at “H” level. Retains the state at the WIT instruction execution. Operating. Operating. Operating. Operating. Stopped. Operating. Retains output voltage. |