| Zakładka z wyszukiwarką danych komponentów |
|
M38048FDHKP Arkusz danych(PDF) 148 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38048FDHKP Arkusz danych(HTML) 148 Page - Renesas Technology Corp |
|
148 / 387 page ![]() 2-24 APPLICATION 2.3 Timer Rev.1.00 Jan 14, 2005 REJ09B0212-0100Z 3804 Group (Spec.H) Fig. 2.3.4 Structure of Timer 2, Timer X, Timer Y Fig. 2.3.5 Structure of Timer Z (low-order, high-order) Timer 2, Timer X, Timer Y b7 b6 b5 b4 b3 b2 b1 b0 Timer 2 (T2), Timer X (TX), Timer Y (TY) (addresses 002216, 002516, 002716) b 0 1 At reset R W 1 2 3 4 5 6 7 Functions • Set each timer count value. • The value set in this register is written to both each timer and the corresponding timer latch at the same time. • When each timer is read out, the count value of the corresponding timer is read out. 1 1 1 1 1 1 1 Timer Z low-order, Timer Z high-order b7 b6 b5 b4 b3 b2 b1 b0 Timer Z low-order (TZL), Timer Z high-order (TZH) (addresses 002816, 002916) b 0 1 2 3 4 5 6 7 1 Functions At reset R W 1 • Set each timer count value. [At write] • Depending on the write control bit (bit 3 of TZM), the value set to this register is written to each timer and the corresponding timer latch at the same time, or is written only to the latch. [At read] • The corresponding timer count value is read out by reading this register. • Read both registers in order of TZH and TZL following. • Write both registers in order of TZL and TZH following. 1 1 1 1 1 1 |