Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AT89C51CC02CA-RATUM Arkusz danych(PDF) 117 Page - ATMEL Corporation

Numer części AT89C51CC02CA-RATUM
Szczegółowy opis  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02CA-RATUM Arkusz danych(HTML) 117 Page - ATMEL Corporation

Back Button AT89C51CC02CA-RATUM Datasheet HTML 113Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 114Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 115Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 116Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 117Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 118Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 119Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 120Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 121Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 159 page
background image
117
AT/T89C51CC02
4126L–CAN–01/08
PCA Interrupt
Figure 47. PCA Interrupt System
PCA Capture Mode
To use one of the PCA modules in capture mode either one or both of the CCAPM bits
CAPN and CAPP for that module must be set. The external CEX input for the module
(on port 1) is sampled for a transition. When a valid transition occurs the PCA hardware
loads the value of the PCA counter registers (CH and CL) into the module’s capture reg-
isters (CCAPnL and CCAPnH). If the CCFn bit for the module in the CCON SFR and the
ECCFn bit in the CCAPMn SFR are set then an interrupt will be generated.
Figure 48. PCA Capture Mode
CF
CR
CCON
0xD8
CCF1
CCF0
Module 1
Module 0
PCA Timer/Counter
To Interrupt
EC
IEN0.6
EA
IEN0.7
ECF
CMOD.0
ECCFn
CCAPMn.0
CEXn
n = 0, 1
PCA Counter
CH
(8-bits)
CL
(8-bits)
CCAPnH CCAPnL
CCFn
CCON Reg
PCA
Interrupt
Request
-
0CAPPnCAPNn000ECCFn
7
CCAPMn Register (n = 0, 1)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More