| Zakładka z wyszukiwarką danych komponentów |
|
AX2000-1CS896M Arkusz danych(PDF) 215 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896M Arkusz danych(HTML) 215 Page - Actel Corporation |
|
215 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-109 624-Pin CCGA AX2000 Function Pin Number Bank 0 IO00NB0F0 D7* IO00PB0F0 E7* IO01NB0F0 G7 IO01PB0F0 G6 IO02NB0F0 B5 IO02PB0F0 B4 IO04PB0F0 C7 IO05NB0F0 F8 IO05PB0F0 F7 IO06NB0F0 H8 IO06PB0F0 H7 IO11NB0F0 J8 IO11PB0F0 J7 IO12PB0F1 B6 IO13NB0F1 E9* IO13PB0F1 D8* IO15NB0F1 C9 IO15PB0F1 C8 IO16NB0F1 A5 IO16PB0F1 A4 IO17NB0F1 D10 IO17PB0F1 D9 IO18NB0F1 A7 IO18PB0F1 A6 IO19NB0F1 G9 IO19PB0F1 G8 IO20PB0F1 B7 IO23NB0F2 F10 IO23PB0F2 F9 IO26NB0F2 C11* IO26PB0F2 B8* IO27NB0F2 H10 IO27PB0F2 H9 IO28NB0F2 A9 IO28PB0F2 B9 * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO30NB0F2 B11 IO30PB0F2 B10 IO31NB0F2 E11 IO31PB0F2 F11 IO33NB0F2 D12 IO33PB0F2 D11 IO34NB0F3 A11 IO34PB0F3 A10 IO37NB0F3 J13 IO37PB0F3 K13 IO38NB0F3 H11 IO38PB0F3 G11 IO40PB0F3 B12 IO41NB0F3/HCLKAN G13 IO41PB0F3/HCLKAP G12 IO42NB0F3/HCLKBN C13 IO42PB0F3/HCLKBP C12 Bank 1 IO43NB1F4/HCLKCN G15 IO43PB1F4/HCLKCP G14 IO44NB1F4/HCLKDN B14 IO44PB1F4/HCLKDP B13 IO45NB1F4 H13 IO47NB1F4 D14 IO47PB1F4 C14 IO48NB1F4 A16 IO48PB1F4 A15 IO49PB1F4 H15 IO51NB1F4 E15 IO51PB1F4 F15 IO52NB1F4 A17 IO55NB1F5 G16 IO55PB1F5 H16 IO56NB1F5 A20 IO56PB1F5 A19 IO57NB1F5 D16 624-Pin CCGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO57PB1F5 D15 IO58NB1F5 A22 IO58PB1F5 A21 IO59NB1F5 F16 IO61NB1F5 G17 IO61PB1F5 H17 IO62NB1F5 B17 IO62PB1F5 B16 IO63NB1F5 H18 IO65NB1F6 C17 IO66PB1F6 B18 IO67NB1F6 J18 IO67PB1F6 J19 IO68NB1F6 B20 IO68PB1F6 B19 IO69NB1F6 E17 IO69PB1F6 F17 IO70NB1F6 B22 IO70PB1F6 B21 IO71PB1F6 G18 IO73NB1F6 G19 IO74NB1F6 C19 IO74PB1F6 C18 IO75NB1F6 D18 IO75PB1F6 D17 IO76NB1F7 C21 IO76PB1F7 C20 IO79NB1F7 H20 IO79PB1F7 H19 IO80NB1F7 E18 IO80PB1F7 F18 IO81NB1F7 G21 IO81PB1F7 G20 IO82NB1F7 F20 IO82PB1F7 F19 IO85NB1F7 D20* 624-Pin CCGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. |