Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA-301 Arkusz danych(PDF) 1 Page - Epson ToYoCom

Numer części CA-301
Szczegółowy opis  CYLINDER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EPSONTOYOCOM [Epson ToYoCom]
Strona internetowa  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

CA-301 Arkusz danych(HTML) 1 Page - Epson ToYoCom

  CA-301 Datasheet HTML 1Page - Epson ToYoCom CA-301 Datasheet HTML 2Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal unit
Crystal unit
Crystal unit
Crystal unit
Epson Toyocom
Epson Toyocom
Epson Toyocom
Epson Toyocom
Specifications (characteristics)
Item
Symbol
Specification
Remarks
4.000 MHz to 29.999 MHz
Fundamental
*1
Nominal frequency range
f_nom
30.000 MHz to 64.000 MHz
3rd overtone
*2
Storage temperature
T_stg
-40
°C to +85 °C
Store as bare product after unpacking
Temperature
range
Operating temperature
T_use
-20
°C to +70 °C
The operating temperature range is
-10
°C to +60 °C for 5.5 MHz and below
Level of drive
DL
10
µW to 100 µW
Frequency tolerance (standard)
f_tol
±30 × 10-6(Under 5.5 MHz:±50 × 10-6, ±100 × 10-6) +25 °C
Under 5.5 MHz:
±50 × 10-6
-10
°C to +60 °C
Frequency versus
temperature characteristics (standard)
f_tem
Over 5.5 MHz:
±30 × 10-6
-20
°C to +70 °C
Fundamental:
10 pF to
∞.
Load capacitance
CL
Overtone:
5 pF to
Please specify
Motional resistance (ESR)
R1
As per below table
-20
°C to +70 °C, DL=100 µW
Frequency aging
f_age
±5 × 10-6 / year Max.
+25
°C, First year
*1
4.0 MHz
≤≤≤≤ f_nom < 5.5 MHz : See “Available frequencies from 4.0 MHz to less than 5.5 MHz”. 8.0 MHz < f_nom < 8.2 MHz: Unavailable.
*2
26.000 MHz
≤≤≤≤ f_nom <30.000 MHz :please contact us for inquiries for 3rd overtone mode.
Available frequencies from 4.0 MHz to less than 5.5 MHz
(MHz)
4.000
4.032
4.096
4.190
4.194304
4.433619
4.500
4.800
4.9152
Motional resistance (ESR)
Frequency (MHz)
4
≤ f_nom < 5.5 5.5 ≤ f_nom < 6 6 ≤ f_nom < 10 10 ≤ f_nom < 12 12 ≤ f_nom < 16 16 ≤ f_nom < 30 30 ≤ f_nom ≤ 36 36 < f_nom ≤ 64
Motional resistance
150
Ω Max.
100
Ω Max.
80
Ω Max.
60
Ω Max.
50
Ω Max.
40
Ω Max.
100
Ω Max.
80
Ω Max.
Overtone order
Fundamental
3rd overtone
External dimensions
(Unit:mm)
.
L1
D1
L2
B
D2
200AM49
Frequency
L1
L2
D1
D2
B
Under 5.5 MHz
9.3 Max.
9.5 Min.
φ 3.1 Max. φ 0.3
1.1
Over 5.5 MHz
8.9 Max.
9.5 Min.
φ 3.1 Max. φ 0.3
1.1
MHz RANGE CRYSTAL UNIT
CYLINDER
CA - 301
•Frequency range
:
4 MHz to 64 MHz
•Thickness
:
φ3.1 mm Max.
•Overtone order
:
Fundamental
3rd overtone (30 MHz to 64 MHz)
•Applications
:
For Clock of integrated circuit
Product Number (please contact us)
Q21CA3011xxxx00


Podobny numer części - CA-301

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CA-301 ETC1-CA-301 Datasheet
52Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Epson ToYoCom
CA-301 EPSONTOYOCOM-CA-301 Datasheet
202Kb / 1P
   CYLINDER
logo
Epson Company
CA-301 EPSON-CA-301 Datasheet
380Kb / 2P
   MHz RANGE CRYSTAL UNIT
logo
Epson ToYoCom
CA-301 EPSONTOYOCOM-CA-301_10 Datasheet
202Kb / 1P
   CYLINDER
More results

Podobny opis - CA-301

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Epson ToYoCom
CA-301 EPSONTOYOCOM-CA-301_10 Datasheet
202Kb / 1P
   CYLINDER
C-001R EPSONTOYOCOM-C-001R Datasheet
258Kb / 1P
   CYLINDER
logo
Festo Corporation.
DSNU-10-60-P-A FESTO-DSNU-10-60-P-A Datasheet
40Kb / 2P
   ISO cylinder
DSNU-12-60-P-A FESTO-DSNU-12-60-P-A Datasheet
41Kb / 2P
   ISO cylinder
DSNU-12-200-P-A FESTO-DSNU-12-200-P-A Datasheet
35Kb / 2P
   ISO cylinder
DSNU-16-15-P-A FESTO-DSNU-16-15-P-A Datasheet
45Kb / 2P
   ISO cylinder
DSNU-16-100-PPV-A FESTO-DSNU-16-100-PPV-A Datasheet
41Kb / 2P
   ISO cylinder
DSNU-16-160-PPV-A FESTO-DSNU-16-160-PPV-A Datasheet
39Kb / 2P
   ISO cylinder
DSNU-16-200-PPS-A FESTO-DSNU-16-200-PPS-A Datasheet
37Kb / 2P
   ISO cylinder
DSNU-25-50-PPS-A FESTO-DSNU-25-50-PPS-A Datasheet
87Kb / 2P
   ISO cylinder
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com