Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFP-CXASI-TX Arkusz danych(PDF) 3 Page - MRV Communications, Inc.

Numer części SFP-CXASI-TX
Szczegółowy opis  Digital Video SFPs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MRV [MRV Communications, Inc.]
Strona internetowa  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFP-CXASI-TX Arkusz danych(HTML) 3 Page - MRV Communications, Inc.

  SFP-CXASI-TX Datasheet HTML 1Page - MRV Communications, Inc. SFP-CXASI-TX Datasheet HTML 2Page - MRV Communications, Inc. SFP-CXASI-TX Datasheet HTML 3Page - MRV Communications, Inc. SFP-CXASI-TX Datasheet HTML 4Page - MRV Communications, Inc. SFP-CXASI-TX Datasheet HTML 5Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Datasheet
HD-SDI:
The new MRV digital video SFPs offer a direct and affordable solution to the problems of digital video optical
transport. They allow the transport of SDI, HD-SDI, or DVB ASI component video signals over any optical transport
system that employs MSA standard optical transceivers.
The SFPxMRHDSDI-RXR SFP is a unidirectional multi-rate coaxial receiver designed to support digital video signals
as defined by the SDI and HD-SDI standards. It takes the digital video stream and generates a data signal that
is compatible with any standard optical transport system. The signal is passed through the system to an MSA
standard optical transceiver, and transports it over a fiber optic network.
At the end of the transmission link, the signal is received by another MSA standard transceiver and passed to the
SFPxMRHDSDI-TXR.
The SFPxMRHDSDI-TXR, in turn, processes the data signal and sends the resulting digital video stream to the
receiving digital video device.
The HDSDI products support main video systems (NTSC and PAL) currently in use. The multi-rate digital video SFP
supports either NTSC or PAL standards for standard definition and high definition.
CXDV:
The CXDV SFPs support SD digital video at 270 Mbps, but they do not support 1.5 Gbps.
CXASI:
The SFP-CXASI-xxR SFP is designed to support digital video signals that do not contain pathological patterns.
Contact your nearest authorized MRV representative and visit our website at www.mrv.com for more information
on the complete line of MRV solutions, including pricing and availability.
3
General Specifications
Transmitter
Receiver
Coaxial Interface:
Input/Output Connector
BNC (x1)
BNC (x1)
Impedance
75 Ohms (output)
75 Ohms (input)
Output Level
800 mV
N/A
SFP Interface
Complies to SFP MSA standard
Complies to SFP MSA standard
Performance:
CRC/EDH Error Rate
Better than 10-9
Better than 10-9
CRC/EDH Alarm¹
Digital Diagnostics LED/SNMP trap status
Digital Diagnostics LED/SNMP trap status
Status and Control Signals:
RX LOS
N/A
Yes
TX Disable
Yes
Yes
Temperature Range:
Operating
-5 to 50º C
-5 to 50º C
Storage
-40 to 85º C
-40 to 85º C
Power Consumption:
850 mA @ 3.3 V
850 mA @ 3.3 V
Agency Compliance:
FCC Part 15, EMC Directive, WEEE Directive, RoHS, China RoHS, SFP MSA (as applicable)
¹ Not available in CXASI models


Podobny numer części - SFP-CXASI-TX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OKI electronic componet...
SFP-CH10 OKI-SFP-CH10 Datasheet
267Kb / 6P
Soldering and Rework System
logo
Metcal
SFP-CH10 METCAL-SFP-CH10 Datasheet
3Mb / 6P
60W Dual Output System w/ Internal Pump Data Sheet
SFP-CH10 METCAL-SFP-CH10 Datasheet
4Mb / 9P
60W Single Output Solder / Rework System
SFP-CH10 METCAL-SFP-CH10 Datasheet
1Mb / 8P
Dual Output 60W Solder / Rework Station Series
8/2016
logo
OKI electronic componet...
SFP-CH15 OKI-SFP-CH15 Datasheet
267Kb / 6P
Soldering and Rework System
More results

Podobny opis - SFP-CXASI-TX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
SAA7102 PHILIPS-SAA7102 Datasheet
289Kb / 76P
Digital video encoder
2001 Sep 25
SAA7126H PHILIPS-SAA7126H Datasheet
155Kb / 40P
Digital video encoder
1999 May 31
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
Digital video encoder
2000 Mar 08
logo
Samsung semiconductor
KS0123 SAMSUNG-KS0123 Datasheet
456Kb / 44P
DIGITAL VIDEO ENCODER
logo
Sony Corporation
CXD1914Q SONY-CXD1914Q Datasheet
407Kb / 41P
Digital Video Encoder
CXD1915R SONY-CXD1915R Datasheet
354Kb / 50P
Digital Video Encoder
logo
NXP Semiconductors
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
Digital video encoder
2004 Mar 04
SAA7120H PHILIPS-SAA7120H Datasheet
156Kb / 36P
Digital video encoder
2002 Oct 11
logo
MRV Communications, Inc...
SFP-GC-R MRV-SFP-GC-R Datasheet
352Kb / 4P
Copper Ethernet SFPs
logo
NXP Semiconductors
SAA7128AH_7129AH PHILIPS-SAA7128AH_7129AH_15 Datasheet
273Kb / 55P
Digital video encoder
2003 Dec 09
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com