Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFP-CXASI-TX Arkusz danych(PDF) 5 Page - MRV Communications, Inc.

Numer części SFP-CXASI-TX
Szczegółowy opis  Digital Video SFPs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MRV [MRV Communications, Inc.]
Strona internetowa  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFP-CXASI-TX Arkusz danych(HTML) 5 Page - MRV Communications, Inc.

  SFP-CXASI-TX Datasheet HTML 1Page - MRV Communications, Inc. SFP-CXASI-TX Datasheet HTML 2Page - MRV Communications, Inc. SFP-CXASI-TX Datasheet HTML 3Page - MRV Communications, Inc. SFP-CXASI-TX Datasheet HTML 4Page - MRV Communications, Inc. SFP-CXASI-TX Datasheet HTML 5Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Datasheet
MRV-OP-SDISFP-120808
Copyright ©2008 MRV Communications, Inc. All Rights Reserved.
3020015-001 Rev. B1
MRV has more than 50 offices throughout the world. Addresses, phone numbers and fax numbers are listed at www.mrv.com.
Please e-mail us at sales@mrv.com or call us for assistance.
MRV Los Angeles
MRV Boston
MRV International
20415 Nordhoff St.
295 Foster St.
Business Park Moerfelden
Chatsworth, CA 91311
Littleton, MA 01460
Waldeckerstrasse 13
800-338-5316
800-338-5316
64546 Moerfelden-Walldorf
818-773-0900
978-952-4700
Germany
Tel. (49) 6105/2070
Fax (49) 6105/207-100
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the
accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information.
MRV Communications and the MRV Communications logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
Ordering Information (use in pairs as shown)
SFP5MRHDSDI-TX
Unidirectional SDI/
HD-SDI SFP Transmitter
(PAL/SECAM)
270 Mbps/1.485
Gbps
BNC
75
800
-
SFP5MRHDSDI-RX
Unidirectional SDI/
HD-SDI SFP Receiver
(PAL/SECAM)
270 Mbps/1.485
Gbps
BNC
75
-
300 @270 Mbps
140 @1.485 Gbps
SFP3MRHDSDI-TX
Unidirectional SDI/
HD-SDI SFP Transmitter
(NTSC)
270 Mbps/
1.485/1.001 Gbps
BNC
75
800
-
SFP3MRHDSDI-RX
Unidirectional SDI/
HD-SDI SFP Receiver
(NTSC)
270 Mbps/
1.485/1.001 Gbps
BNC
75
-
300 @270 Mbps
140 @1.4835 Gbps
SFP-CXDV-TX27
Unidirectional Digital
Video SDI SFP Transmitter
270 Mbps
BNC
75
800
-
SFP-CXDV-RX27
Unidirectional Digital
Video SDI SFP Receiver
270 Mbps
BNC
75
-
350
SFP-CXASI-TX
Unidirectional DVB-ASI
SFP Transmitter
270 Mbps
BNC
75
800
-
SFP-CXASI-RX
Unidirectional DVB-ASI
SFP Receiver
270 Mbps
BNC
75
-
350
2 Distances may vary based on properties of the transponder.
Ordering Information (use in pairs as shown)
SFP-3654-SDI-TX
Unidirectional Digital Video
SDI SFP Transmitter
360/540 Mbps
BNC
75
800
-
SFP-3654-SDI-RX
Unidirectional Digital Video
SDI SFP Receiver
360/540 Mbps
BNC
75
-
275 @360 Mbps
200 @540 Mbps
AVAILABLE BY SPECIAL ORDER


Podobny numer części - SFP-CXASI-TX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OKI electronic componet...
SFP-CH10 OKI-SFP-CH10 Datasheet
267Kb / 6P
Soldering and Rework System
logo
Metcal
SFP-CH10 METCAL-SFP-CH10 Datasheet
3Mb / 6P
60W Dual Output System w/ Internal Pump Data Sheet
SFP-CH10 METCAL-SFP-CH10 Datasheet
4Mb / 9P
60W Single Output Solder / Rework System
SFP-CH10 METCAL-SFP-CH10 Datasheet
1Mb / 8P
Dual Output 60W Solder / Rework Station Series
8/2016
logo
OKI electronic componet...
SFP-CH15 OKI-SFP-CH15 Datasheet
267Kb / 6P
Soldering and Rework System
More results

Podobny opis - SFP-CXASI-TX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MRV Communications, Inc...
SFP-GC-R MRV-SFP-GC-R Datasheet
352Kb / 4P
Copper Ethernet SFPs
logo
Samsung semiconductor
KS0123 SAMSUNG-KS0123 Datasheet
456Kb / 44P
DIGITAL VIDEO ENCODER
logo
Sony Corporation
CXD1914Q SONY-CXD1914Q Datasheet
407Kb / 41P
Digital Video Encoder
CXD1915R SONY-CXD1915R Datasheet
354Kb / 50P
Digital Video Encoder
logo
NXP Semiconductors
SAA7102 PHILIPS-SAA7102 Datasheet
289Kb / 76P
Digital video encoder
2001 Sep 25
SAA7126H PHILIPS-SAA7126H Datasheet
155Kb / 40P
Digital video encoder
1999 May 31
SAA7128AH_7129AH PHILIPS-SAA7128AH_7129AH_15 Datasheet
273Kb / 55P
Digital video encoder
2003 Dec 09
SAA7120H PHILIPS-SAA7120H Datasheet
156Kb / 36P
Digital video encoder
2002 Oct 11
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com