| Zakładka z wyszukiwarką danych komponentów |
|
AD9548/PCBZ Arkusz danych(PDF) 109 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9548/PCBZ Arkusz danych(HTML) 109 Page - Analog Devices |
|
109 / 112 page ![]() AD9548 Rev. 0 | Page 109 of 112 CALCULATION OF THE δ REGISTER VALUES This leads to the following quantized value, which is very close to the desired value of 6.98672x10−5: The quantized δ coefficient consists of two components, δ0 and δ1, according to 5 30 10 986688823 . 6 2 019 , 75 − − × ≈ × = quantized β ) 15 ( 2 1 0 quantized δ δ δ δ + − × = ≈ CALCULATION OF THE γ REGISTER VALUES The quantized γ coefficient consists of two components, γ0 and γ1 according to where δ0 and δ1 are the register values. Calculation of δ1 is a two-step process that leads to the calculation of δ0, which is also a two-step process. ) 17 ( 2 1 0 quantized γ γ γ γ + − × = ≈ − )) ( (log ceil 2 δ − = x where γ0 and γ1 are the register values. Calculation of γ1 is a two- step process that leads to the calculation of γ0, which is also a two- step process. [ ]) , 0 max( , 31 min x 1 = δ ) 2 ( round 15 1 y δ δ + × = )) ( (log ceil 2 γ − = x [ ]) , 1 max( , 767 , 32 min y 0 = δ []) , 0 max( , 31 min x 1 = γ Given the example value of δ = 0.002015399, the preceding formulas yield ) 2 ( round 17 1 y γ γ + × = []) , 1 max( , 071 , 131 min y 0 = γ x = 8, δ1 = 8 y = 16,906.392174592, δ0 = 16,906 Using the example value of −γ = 7.50373 × 10−5 yields This leads to the following quantized value, which is very close to the desired value of 0.002015399: x = 13, so γ1 = 13 y = 80,570.6873700352, so γ1 = 80,571 49 0020153522 . 0 2 16906 23 ≈ × = − quantized δ This leads to the following quantized value, which is very close to the desired value of 7.50373x10−5: 5 30 10 503759116 . 7 2 80571 − − × ≈ × = quantized γ |