| Zakładka z wyszukiwarką danych komponentów |
|
STM32W108CB Arkusz danych(PDF) 148 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB Arkusz danych(HTML) 148 Page - STMicroelectronics |
|
148 / 179 page ![]() Interrupts STM32W108CB, STM32W108HB 148/179 Doc ID 16252 Rev 2 facilitate software detection of such problems. The INT_MISS register is "acknowledged" in the same way as the INT_periphFLAG register-by writing a 1 into the corresponding bit to be cleared. Table 22 provides a map of all peripheral interrupts. This map lists the top level NVIC Interrupt bits and, if there is one, the corresponding second level EM Interrupt register bits that feed the top level interrupts. Table 22. NVIC and EM peripheral interrupt map NVIC Interrupt (top level) EM Interrupt (second level) NVIC Interrupt (top level) EM Interrupt (second level) 16 INT_DEBUG 5 INT_SC1 INT_SC1FLAG register 15 INT_IRQD 14 INT_SC1PARERR 14 INT_IRQC 13 INT_SC1FRMERR 13 INT_IRQB 12 INT_SCTXULDB 12 INT_IRQA 11 INT_SCTXULDA 11 INT_ADC INT_ADCFLAG register 10 INT_SCRXULDB 4 INT_ADCOVF 9 INT_SCRXULDA 3 INT_ADCSAT 8 INT_SCNAK 2 INT_ADCULDFULL 7 INT_SCCDMFIN 1 INT_ADCULDHALF 6 INT_SCTXFIN 0 INT_ADCDATA 5 INT_SCRXFIN 10 INT_MACRX 4 INT_SCTXUND 9 INT_MACTX 3 INT_SCRXOVF 8 INT_MACTMR 2 INT_SCTXIDLE 7 INT_SEC 1 INT_SCTXFREE 6 INT_SC2 INT_SC2FLAG register 0 INT_SCRXVAL 12 INT_SCTXULDB 4 INT_SLEEPTMR 11 INT_SCTXULDA 3 INT_BB 10 INT_SCRXULDB 2 INT_MGMT 9 INT_SCRXULDA 1 INT_TMR2 INT_TMR2FLAG register 8 INT_SCNAK 6 INT_TMRTIF 7 INT_SCCDMFIN 4 INT_TMRCC4IF 6 INT_SCTXFIN 3 INT_TMRCC3IF 5 INT_SCRXFIN 2 INT_TMRCC2IF 4 INT_SCTXUND 1 INT_TMRCC1IF 3 INT_SCRXOVF 0 INT_TMRUIF 2 INT_SCTXIDLE 0 INT_TMR1 INT_TMR1FLAG register 1 INT_SCTXFREE 6 INT_TMRTIF 0 INT_SCRXVAL 4 INT_TMRCC4IF 3 INT_TMRCC3IF 2 INT_TMRCC2IF 1 INT_TMRCC1IF 0 INT_TMRUIF |