| Zakładka z wyszukiwarką danych komponentów |
|
ATtiny25 Arkusz danych(PDF) 168 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny25 Arkusz danych(HTML) 168 Page - ATMEL Corporation |
|
168 / 196 page ![]() 168 7598H–AVR–07/09 ATtiny25/45/85 23.6 Pin Thresholds and Hysteresis Figure 23-25. I/O Pin Input Threshold Voltage vs. V CC (VIH, I/O Pin Read As '1') Figure 23-26. I/O Pin Input Threshold Voltage vs. V CC (VIL, I/O Pin Read As '0') I/O P IN INP UT THRES HOLD VOLTAGE vs . V CC VIH, IO PIN READ AS '1' 0 0.5 1 1.5 2 2.5 3 1.5 2 2.5 3 3.5 4 4.5 5 5.5 V CC (V) 125 ˚C 85 ˚C 25 ˚C -40 ˚C I/O P IN INP UT THRES HOLD VOLTAGE vs . VCC VIL, IO PIN READ AS '0' 0 0.5 1 1.5 2 2.5 1.5 2 2.5 3 3.5 4 4.5 5 5.5 V CC (V) 125 ˚C 85 ˚C 25 ˚C -40 ˚C |