| Zakładka z wyszukiwarką danych komponentów |
|
ATtiny88 Arkusz danych(PDF) 199 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny88 Arkusz danych(HTML) 199 Page - ATMEL Corporation |
|
199 / 266 page ![]() 199 8008C–AVR–03/09 ATtiny48/88 20.8.3 Serial Programming Instruction set Table 20-15 on page 199 and Figure 20-8 on page 200 describes the Instruction set. Table 20-14. Typical Wait Delay Before Writing the Next Flash or EEPROM Location Symbol Minimum Wait Delay tWD_FLASH 4.5 ms t WD_EEPROM 3.6 ms tWD_ERASE 9.0 ms Table 20-15. Serial Programming Instruction Set (Hexadecimal values) Instruction/Operation Instruction Format Byte 1 Byte 2 Byte 3 Byte4 Programming Enable $AC $53 $00 $00 Chip Erase (Program Memory/EEPROM) $AC $80 $00 $00 Poll RDY/BSY $F0 $00 $00 data byte out Load Instructions Load Extended Address byte(1) $4D $00 Extended adr $00 Load Program Memory Page, High byte $48 $00 adr LSB high data byte in Load Program Memory Page, Low byte $40 $00 adr LSB low data byte in Load EEPROM Memory Page (page access) $C1 $00 0000 000aa data byte in Read Instructions Read Program Memory, High byte $28 adr MSB adr LSB high data byte out Read Program Memory, Low byte $20 adr MSB adr LSB low data byte out Read EEPROM Memory $A0 0000 00aa aaaa aaaa data byte out Read Lock bits $58 $00 $00 data byte out Read Signature Byte $30 $00 0000 000aa data byte out Read Fuse bits $50 $00 $00 data byte out Read Fuse High bits $58 $08 $00 data byte out Read Fuse Extended Bits $50 $08 $00 data byte out Read Calibration Byte $38 $00 $00 data byte out Write Instructions Write Program Memory Page $4C adr MSB adr LSB $00 Write EEPROM Memory $C0 0000 00aa aaaa aaaa data byte in Write EEPROM Memory Page (page access) $C2 0000 00aa aaaa aa00 $00 Write Lock bits $AC $E0 $00 data byte in Write Fuse bits $AC $A0 $00 data byte in Write Fuse High bits $AC $A8 $00 data byte in Write Fuse Extended Bits $AC $A4 $00 data byte in |