Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320DM647 Arkusz danych(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
Numer części TMS320DM647
Szczegółowy opis  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Arkusz danych(HTML) 125 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 121Page - Texas Instruments TMS320DM647 Datasheet HTML 122Page - Texas Instruments TMS320DM647 Datasheet HTML 123Page - Texas Instruments TMS320DM647 Datasheet HTML 124Page - Texas Instruments TMS320DM647 Datasheet HTML 125Page - Texas Instruments TMS320DM647 Datasheet HTML 126Page - Texas Instruments TMS320DM647 Datasheet HTML 127Page - Texas Instruments TMS320DM647 Datasheet HTML 128Page - Texas Instruments TMS320DM647 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 181 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
6.14.3 SPI Electrical Data/Timing
6.14.3.1 Serial Peripheral Interface (SPI) Timing
Table 6-60 assumes testing over recommended operating conditions (see Figure 6-36).
Table 6-60. General Timing Requirements for SPIx Master Modes(1)
NO.
MIN
MAX UNIT
greater of 8P or
1
tc(SPC)M
Cycle Time, SPICLK, All Master Modes
256P
ns
100 ns
2
tw(SPCH)M
Pulse Width High, SPICLK, All Master Modes
greater of 4P or 45 ns
ns
3
tw(SPCL)M
Pulse Width Low, SPICLK, All Master Modes
greater of 4P or 45 ns
ns
Polarity = 0, Phase = 0,
4P
to SPICLK rising
Polarity = 0, Phase = 1,
0.5tc(SPC)M + 4P
Delay, initial data bit valid
to SPICLK rising
4
td(SIMO_SPC)M
on SPIDO to initial edge on
ns
Polarity = 1, Phase = 0,
SPICLK(2)
4P
to SPICLK falling
Polarity = 1, Phase = 1,
0.5tc(SPC)M + 4P
to SPICLK falling
Polarity = 0, Phase = 0,
15
from SPICLK rising
Polarity = 0, Phase = 1,
15
Delay, subsequent bits
from SPICLK falling
5
td(SPC_SIMO)M
valid on SPIDO after
ns
Polarity = 1, Phase = 0,
transmit edge of SPICLK
15
from SPICLK falling
Polarity = 1, Phase = 1,
15
from SPICLK rising
Polarity = 0, Phase = 0,
0.5tc(SPC)M - 10
from SPICLK falling
Polarity = 0, Phase = 1,
Output hold time, SPIDO
0.5tc(SPC)M - 10
from SPICLK rising
valid after
6
toh(SPC_SIMO)M
ns
receive edge of SPICLK,
Polarity = 1, Phase = 0,
0.5tc(SPC)M - 10
except for final bit(3)
from SPICLK rising
Polarity = 1, Phase = 1,
0.5tc(SPC)M - 10
from SPICLK falling
Polarity = 0, Phase = 0,
0.5P + 15
to SPICLK falling
Polarity = 0, Phase = 1,
0.5P + 15
Input Setup Time, SPIDI
to SPICLK rising
7
tsu(SOMI_SPC)M
valid before
ns
Polarity = 1, Phase = 0,
receive edge of SPICLK
0.5P + 15
to SPICLK rising
Polarity = 1, Phase = 1,
0.5P + 15
to SPICLK falling
Polarity = 0, Phase = 0,
0.5P + 5
from SPICLK falling
Polarity = 0, Phase = 1,
0.5P + 5
Input Hold Time, SPIDI
from SPICLK rising
8
tih(SPC_SOMI)M
valid after
ns
Polarity = 1, Phase = 0,
receive edge of SPICLK
0.5P + 5
from SPICLK rising
Polarity = 1, Phase = 1,
0.5P + 5
from SPICLK falling
(1)
P = SYSCLK3 period
(2)
First bit may be MSB or LSB depending upon SPI configuration. MO(0) refers to first bit and MO(n) refers to last bit output on SPIDO.
MI(0) refers to the first bit input and MI(n) refers to the last bit input on SPIDI.
(3)
The final data bit will be held on the SPIDO pin until the SPIDAT1 register is written with new data.
Copyright © 2010–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
125
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com