Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PMBT2222 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części PMBT2222
Szczegółowy opis  NPN switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMBT2222 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  PMBT2222 Datasheet HTML 1Page - NXP Semiconductors PMBT2222 Datasheet HTML 2Page - NXP Semiconductors PMBT2222 Datasheet HTML 3Page - NXP Semiconductors PMBT2222 Datasheet HTML 4Page - NXP Semiconductors PMBT2222 Datasheet HTML 5Page - NXP Semiconductors PMBT2222 Datasheet HTML 6Page - NXP Semiconductors PMBT2222 Datasheet HTML 7Page - NXP Semiconductors PMBT2222 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2004 Jan 22
3
NXP Semiconductors
Product data sheet
NPN switching transistors
PMBT2222; PMBT2222A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Transistor mounted on an FR4 printed-circuit board.
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
PMBT2222
60
V
PMBT2222A
75
V
VCEO
collector-emitter voltage
open base
PMBT2222
30
V
PMBT2222A
40
V
VEBO
emitter-base voltage
open collector
PMBT2222
5
V
PMBT2222A
6
V
IC
collector current (DC)
600
mA
ICM
peak collector current
800
mA
IBM
peak base current
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
PMBT2222
IE = 0; VCB = 50 V
10
nA
IE = 0; VCB = 50 V; Tj = 125 °C
10
µA
collector cut-off current
PMBT2222A
IE = 0; VCB = 60 V
10
nA
IE = 0; VCB = 60 V; Tj = 125 °C
10
µA
IEBO
emitter cut-off current
IC = 0; VEB = 5 V
PMBT2222A
10
nA


Podobny numer części - PMBT2222

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PMBT2222 PHILIPS-PMBT2222 Datasheet
46Kb / 8P
NPN switching transistors
1999 Apr 27
logo
Nexperia B.V. All right...
PMBT2222 NEXPERIA-PMBT2222 Datasheet
216Kb / 11P
NPN switching transistor
5 August 2020
logo
NXP Semiconductors
PMBT2222A PHILIPS-PMBT2222A Datasheet
46Kb / 8P
NPN switching transistors
1999 Apr 27
logo
Nexperia B.V. All right...
PMBT2222A NEXPERIA-PMBT2222A Datasheet
213Kb / 11P
NPN switching transistor
27 July 2022
PMBT2222AM NEXPERIA-PMBT2222AM Datasheet
219Kb / 12P
40 V, 600 mA NPN switching transistor
21 September 2018
More results

Podobny opis - PMBT2222

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PMBT2222 PHILIPS-PMBT2222 Datasheet
46Kb / 8P
NPN switching transistors
1999 Apr 27
PN2369 PHILIPS-PN2369 Datasheet
45Kb / 8P
NPN switching transistors
1999 Apr 14
logo
Nexperia B.V. All right...
BSR13 NEXPERIA-BSR13 Datasheet
376Kb / 9P
NPN switching transistors
2004 Jan 13
logo
NXP Semiconductors
2N2222 PHILIPS-2N2222 Datasheet
53Kb / 8P
NPN switching transistors
1997 May 29
BCY58 PHILIPS-BCY58 Datasheet
50Kb / 8P
NPN switching transistors
1997 Jun 17
BSW66A PHILIPS-BSW66A Datasheet
53Kb / 8P
NPN switching transistors
1997 May 05
logo
Micro Commercial Compon...
2N2222 MCC-2N2222 Datasheet
238Kb / 3P
NPN Switching Transistors
2N2222A-BP MCC-2N2222A-BP Datasheet
243Kb / 3P
NPN Switching Transistors
logo
Comset Semiconductor
2N5681 COMSET-2N5681 Datasheet
79Kb / 3P
NPN SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
BSR17A KEXIN-BSR17A Datasheet
45Kb / 2P
NPN Switching Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com