Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PMBT2222 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części PMBT2222
Szczegółowy opis  NPN switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMBT2222 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  PMBT2222 Datasheet HTML 1Page - NXP Semiconductors PMBT2222 Datasheet HTML 2Page - NXP Semiconductors PMBT2222 Datasheet HTML 3Page - NXP Semiconductors PMBT2222 Datasheet HTML 4Page - NXP Semiconductors PMBT2222 Datasheet HTML 5Page - NXP Semiconductors PMBT2222 Datasheet HTML 6Page - NXP Semiconductors PMBT2222 Datasheet HTML 7Page - NXP Semiconductors PMBT2222 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2004 Jan 22
4
NXP Semiconductors
Product data sheet
NPN switching transistors
PMBT2222; PMBT2222A
Note
1.
Pulse test: tp ≤ 300 µs; δ ≤ 0.02.
hFE
DC current gain
IC = 0.1 mA; VCE = 10 V
35
IC = 1 mA; VCE = 10 V
50
IC = 10 mA; VCE = 10 V
75
IC = 10 mA; VCE = 10 V;
Tamb = −55 °C
35
IC = 150 mA; VCE = 10 V
100
300
IC = 150 mA; VCE = 1 V
50
DC current gain
IC = 500 mA; VCE = 10 V
PMBT2222
30
PMBT2222A
40
VCEsat
collector-emitter saturation voltage
IC = 150 mA; IB = 15 mA; note 1
PMBT2222
400
mV
PMBT2222A
300
mV
collector-emitter saturation voltage
IC = 500 mA; IB = 50 mA; note 1
PMBT2222
1.6
V
PMBT2222A
1
V
VBEsat
base-emitter saturation voltage
IC = 150 mA; IB = 15 mA; note 1
PMBT2222
1.3
V
PMBT2222A
0.6
1.2
V
base-emitter saturation voltage
IC = 500 mA; IB = 50 mA; note 1
PMBT2222
2.6
V
PMBT2222A
2
V
Cc
collector capacitance
IE = Ie = 0; VCB = 10 V; f = 1 MHz
8
pF
Ce
emitter capacitance
IC = Ic = 0; VEB = 500 mV; f = 1 MHz
PMBT2222
30
pF
PMBT2222A
25
pF
fT
transition frequency
IC = 20 mA; VCE = 20 V; f = 100 MHz
PMBT2222
250
MHz
PMBT2222A
300
MHz
F
noise figure
IC = 100 µA; VCE = 5 V; RS = 1 kΩ;
f = 1 kHz
4
dB
Switching times (between 10% and 90% levels); (see Fig.2)
ton
turn-on time
ICon = 150 mA; IBon = 15 mA;
IBoff = −15 mA
35
ns
td
delay time
15
ns
tr
rise time
20
ns
toff
turn-off time
250
ns
ts
storage time
200
ns
tf
fall time
60
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT


Podobny numer części - PMBT2222

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PMBT2222 PHILIPS-PMBT2222 Datasheet
46Kb / 8P
   NPN switching transistors
1999 Apr 27
logo
Nexperia B.V. All right...
PMBT2222 NEXPERIA-PMBT2222 Datasheet
216Kb / 11P
   NPN switching transistor
5 August 2020
logo
NXP Semiconductors
PMBT2222A PHILIPS-PMBT2222A Datasheet
46Kb / 8P
   NPN switching transistors
1999 Apr 27
logo
Nexperia B.V. All right...
PMBT2222A NEXPERIA-PMBT2222A Datasheet
213Kb / 11P
   NPN switching transistor
27 July 2022
PMBT2222AM NEXPERIA-PMBT2222AM Datasheet
219Kb / 12P
   40 V, 600 mA NPN switching transistor
21 September 2018
More results

Podobny opis - PMBT2222

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PMBT2222 PHILIPS-PMBT2222 Datasheet
46Kb / 8P
   NPN switching transistors
1999 Apr 27
PN2369 PHILIPS-PN2369 Datasheet
45Kb / 8P
   NPN switching transistors
1999 Apr 14
logo
Nexperia B.V. All right...
BSR13 NEXPERIA-BSR13 Datasheet
376Kb / 9P
   NPN switching transistors
2004 Jan 13
logo
NXP Semiconductors
2N2222 PHILIPS-2N2222 Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
BCY58 PHILIPS-BCY58 Datasheet
50Kb / 8P
   NPN switching transistors
1997 Jun 17
BSW66A PHILIPS-BSW66A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 05
logo
Micro Commercial Compon...
2N2222 MCC-2N2222 Datasheet
238Kb / 3P
   NPN Switching Transistors
2N2222A-BP MCC-2N2222A-BP Datasheet
243Kb / 3P
   NPN Switching Transistors
logo
Comset Semiconductor
2N5681 COMSET-2N5681 Datasheet
79Kb / 3P
   NPN SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
BSR17A KEXIN-BSR17A Datasheet
45Kb / 2P
   NPN Switching Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com