| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F722AT-E/ML Arkusz danych(PDF) 199 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722AT-E/ML Arkusz danych(HTML) 199 Page - Microchip Technology |
|
199 / 284 page ![]() 2010 Microchip Technology Inc. DS41417A-page 199 PIC16F/LF722A/723A 23.0 ELECTRICAL SPECIFICATIONS Absolute Maximum Ratings(†) Ambient temperature under bias....................................................................................................... -40°C to +125°C Storage temperature ........................................................................................................................ -65°C to +150°C Voltage on VDD with respect to VSS, PIC16F722A/723A ................................................................... -0.3V to +6.5V Voltage on VCAP pin with respect to VSS, PIC16F722A/723A ............................................................ -0.3V to +4.0V Voltage on VDD with respect to VSS, PIC16LF722A/723A ................................................................. -0.3V to +4.0V Voltage on MCLR with respect to Vss ................................................................................................. -0.3V to +9.0V Voltage on all other pins with respect to VSS ........................................................................... -0.3V to (VDD + 0.3V) Total power dissipation(1) ............................................................................................................................... 800 mW Maximum current out of VSS pin ...................................................................................................................... 95 mA Maximum current into VDD pin ......................................................................................................................... 70 mA Clamp current, IK (VPIN < 0 or VPIN > VDD) 20 mA Maximum output current sunk by any I/O pin.................................................................................................... 25 mA Maximum output current sourced by any I/O pin .............................................................................................. 25 mA Maximum current sunk by all ports(2), -40°C TA +85°C for industrial ........................................................ 200 mA Maximum current sunk by all ports(2), -40°C TA +125°C for extended........................................................ 90 mA Maximum current sourced by all ports(2), 40°C TA +85°C for industrial ................................................... 140 mA Maximum current sourced by all ports(2), -40°C TA +125°C for extended................................................... 65 mA Note 1: Power dissipation is calculated as follows: PDIS = VDD x {IDD – IOH} + {(VDD – VOH) x IOH} + (VOl x IOL). † NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operation listings of this specification is not implied. Exposure above maximum rating conditions for extended periods may affect device reliability. |