| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F722AT-E/ML Arkusz danych(PDF) 283 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722AT-E/ML Arkusz danych(HTML) 283 Page - Microchip Technology |
|
283 / 284 page ![]() 2010 Microchip Technology Inc. DS41417A-page 283 PIC16F/LF722A/723A PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX XXX Pattern Package Temperature Range Device Device: PIC16F722A, PIC16LF722A, PIC16F722AT, PIC16LF722AT(1) PIC16F723A, PIC16LF723A, PIC16F723AT, PIC16LF723AT(1) Temperature Range: I= -40 C to+85C E= -40 C to+125C Package: MV = Micro Lead Frame (UQFN) ML = Micro Lead Frame (QFN) SO = SOIC SP = Skinny Plastic DIP SS = SSOP Pattern: 3-Digit Pattern Code for QTP (blank otherwise) Examples: a) PIC16F722A-E/SP 301 = Extended Temp., skinny PDIP package, QTP pat- tern #301 b) PIC16F722A-I/SO = Industrial Temp., SOIC package Note1: T = In tape and reel. |