| Zakładka z wyszukiwarką danych komponentów |
|
EM351-RTR Arkusz danych(PDF) 212 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM351-RTR Arkusz danych(HTML) 212 Page - List of Unclassifed Manufacturers |
|
212 / 240 page ![]() EM351 / EM357 11-13 120-035X-000D Preliminary SCS_AFSR Auxiliary Fault Status Register Address: 0xE000ED3C Reset: 0x0 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 0 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 0 0 0 0 0 0 0 0 7 6 5 4 3 2 1 0 0 0 0 0 WRONGSIZE PROTECTED RESERVED MISSED Bitname Bitfield Access Description WRONGSIZE [3] RW A bus fault resulted from an 8-bit or 16-bit read or write of an APB peripheral register. This fault can also result from an unaligned 32-bit access. PROTECTED [2] RW A bus fault resulted from a user mode (unprivileged) write to a system APB or AHB peripheral or protected RAM. RESERVED [1] RW A bus fault resulted from a read or write to an address within an APB peripheral's 4 kB block range, but above the last physical register in that block. Can also result from a read or write to an address above the top of RAM or flash. MISSED [0] RW A bus fault occurred when a bit was already set in this register. |