| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F4331 Arkusz danych(PDF) 120 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 Arkusz danych(HTML) 120 Page - Microchip Technology |
|
120 / 392 page ![]() PIC18F2331/2431/4331/4431 DS39616D-page 120 2010 Microchip Technology Inc. TABLE 11-5: PORTC I/O SUMMARY Pin Function TRIS Setting I/O I/O Type Description RC0/T1OSO/ T1CKI RC0 0 O DIG LATC<0> data output. 1 I ST PORTC<0> data input. T1OSO x O ANA Timer1 oscillator output; enabled when Timer1 oscillator is enabled. Disables digital I/O. T1CKI 1 I ST Timer1/Timer3 counter input. RC1/T1OSI/ CCP2/FLTA RC1 0 O DIG LATC<1> data output. 1 I ST PORTC<1> data input. T1OSI x I ANA Timer1 oscillator input; enabled when Timer1 oscillator is enabled. Disables digital I/O. CCP2 0 O DIG CCP2 compare and PWM output; takes priority over port data. 1 I ST CCP2 capture input. FLTA 1 I ST Fault Interrupt Input Pin A. RC2/CCP1/FLTB RC2 0 O DIG LATC<2> data output. 1 I ST PORTC<2> data input. CCP1 0 O DIG CCP1 compare or PWM output; takes priority over port data. 1 I ST CCP1 capture input. FLTB 1 I ST Fault Interrupt Input Pin B. RC3/T0CKI/ T5CKI/INT0 RC3 0 O DIG LATC<3> data output. 1 I ST PORTC<3> data input. T0CKI(1) 1 I ST Timer0 alternate clock input. T5CKI(1) 1 I ST Timer5 alternate clock input. INT0 1 I ST External Interrupt 0. RC4/INT1/SDI/ SDA RC4 0 O DIG LATC<4> data output. 1 I ST PORTC<4> data input. INT1 1 I ST External Interrupt 1. SDI(1) 1 I ST SPI data input (SSP module). SDA(1) 0 ODIG I2C™ data output (SSP module); takes priority over port data. 1 II2CI2C data input (SSP module). RC5/INT2/SCK/ SCL RC5 0 O DIG LATC<5> data output. 1 I ST PORTC<5> data input. INT2 1 I ST External Interrupt 2. SCK(1) 0 O DIG SPI clock output (SSP module); takes priority over port data. 1 I ST SPI clock input (SSP module). SCL(1) 0 ODIG I2C clock output (SSP module); takes priority over port data. 1 II2CI2C clock input (SSP module); input type depends on module setting. RC6/TX/CK/SS RC6 0 O DIG LATC<6> data output. 1 I ST PORTC<6> data input. TX 0 O DIG Asynchronous serial transmit data output (EUSART module); takes priority over port data. User must configure as an output. CK 0 O DIG Synchronous serial clock output (EUSART module); takes priority over port data. 1 I ST Synchronous serial clock input (EUSART module). SS 1 I ST SPI slave select input. Legend: DIG = Digital level output; TTL = TTL input buffer; ST = Schmitt Trigger input buffer; ANA = Analog level input/output; x = Don’t care (TRIS bit does not affect port direction or is overridden for this option). Note 1: RD0 is the alternate pin for T0CKI/T5CKI; RD2 is the alternate pin for SDI/SDA; RD3 is the alternate pin for SCK/SCL; RD1 is the alternate pin for SDO. |