| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F4331-E/PT Arkusz danych(PDF) 234 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331-E/PT Arkusz danych(HTML) 234 Page - Microchip Technology |
|
234 / 392 page ![]() PIC18F2331/2431/4331/4431 DS39616D-page 234 2010 Microchip Technology Inc. FIGURE 20-11: SYNCHRONOUS TRANSMISSION (THROUGH TXEN) TABLE 20-7: REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER TRANSMISSION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on Page: INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 54 PIR1 — ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 57 PIE1 — ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 57 IPR1 — ADIP RCIP TXIP SSPIP CCP1IP TMR2IP TMR1IP 57 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 56 TXREG EUSART Transmit Register 56 TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 56 BAUDCON — RCIDL — SCKP BRG16 — WUE ABDEN 56 SPBRGH EUSART Baud Rate Generator Register High Byte 56 SPBRG EUSART Baud Rate Generator Register Low Byte 56 Legend: — = unimplemented, read as ‘0’. Shaded cells are not used for synchronous master transmission. RC7/RX/DT/SDO Pin RC6/TX/CK/SS Pin Write to TXREG Reg TXIF bit TRMT bit bit 0 bit 1 bit 2 bit 6 bit 7 TXEN bit |