Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PIC18F4331-E/PT Arkusz danych(PDF) 363 Page - Microchip Technology

Numer części PIC18F4331-E/PT
Szczegółowy opis  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331-E/PT Arkusz danych(HTML) 363 Page - Microchip Technology

Back Button PIC18F4331-E/PT Datasheet HTML 359Page - Microchip Technology PIC18F4331-E/PT Datasheet HTML 360Page - Microchip Technology PIC18F4331-E/PT Datasheet HTML 361Page - Microchip Technology PIC18F4331-E/PT Datasheet HTML 362Page - Microchip Technology PIC18F4331-E/PT Datasheet HTML 363Page - Microchip Technology PIC18F4331-E/PT Datasheet HTML 364Page - Microchip Technology PIC18F4331-E/PT Datasheet HTML 365Page - Microchip Technology PIC18F4331-E/PT Datasheet HTML 366Page - Microchip Technology PIC18F4331-E/PT Datasheet HTML 367Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 363
PIC18F2331/2431/4331/4431
27.0
PACKAGING INFORMATION
27.1
Package Marking Information
28-Lead SPDIP (Skinny PDIP)
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC18F2331-I/SP
1010017
28-Lead SOIC
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC18F2431-E/SO
1010017
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
28-Lead QFN
XXXXXXXX
XXXXXXXX
YYWWNNN
Example
18F2431
-I/ML
1010017
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More