| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F4331-I/SP Arkusz danych(PDF) 309 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331-I/SP Arkusz danych(HTML) 309 Page - Microchip Technology |
|
309 / 392 page ![]() 2010 Microchip Technology Inc. DS39616D-page 309 PIC18F2331/2431/4331/4431 MOVLW Move Literal to W Syntax: [ label ] MOVLW k Operands: 0 k 255 Operation: k W Status Affected: None Encoding: 0000 1110 kkkk kkkk Description: The 8-bit literal, ‘k’, is loaded into W. Words: 1 Cycles: 1 Q Cycle Activity: Q1 Q2 Q3 Q4 Decode Read literal ‘k’ Process Data Write to W Example: MOVLW 0x5A After Instruction W = 0x5A MOVWF Move W to f Syntax: [ label ] MOVWF f [,a] Operands: 0 f 255 a [0,1] Operation: (W) f Status Affected: None Encoding: 0110 111a ffff ffff Description: Move data from W to register, ‘f’. Location, ‘f’, can be anywhere in the 256-byte bank. If ‘a’ is ‘0’, the Access Bank will be selected, overriding the BSR value. If ‘a’ = 1, then the bank will be selected as per the BSR value. Words: 1 Cycles: 1 Q Cycle Activity: Q1 Q2 Q3 Q4 Decode Read register ‘f’ Process Data Write register ‘f’ Example: MOVWF REG Before Instruction W = 0x4F REG = 0xFF After Instruction W = 0x4F REG = 0x4F |