| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F4331-E/ML Arkusz danych(PDF) 311 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331-E/ML Arkusz danych(HTML) 311 Page - Microchip Technology |
|
311 / 392 page ![]() 2010 Microchip Technology Inc. DS39616D-page 311 PIC18F2331/2431/4331/4431 NEGF Negate f Syntax: [ label ] NEGF f [,a] Operands: 0 f 255 a [0,1] Operation: ( f ) + 1 f Status Affected: N, OV, C, DC, Z Encoding: 0110 110a ffff ffff Description: Location, ‘f’, is negated using two’s complement. The result is placed in the data memory location, ‘f’. If ‘a’ is ‘0’, the Access Bank will be selected, overriding the BSR value. If ‘a’ = 1, then the bank will be selected as per the BSR value. Words: 1 Cycles: 1 Q Cycle Activity: Q1 Q2 Q3 Q4 Decode Read register ‘f’ Process Data Write register ‘f’ Example: NEGF REG, 1 Before Instruction REG = 0011 1010 [0x3A] After Instruction REG = 1100 0110 [0xC6] NOP No Operation Syntax: [ label ] NOP Operands: None Operation: No operation Status Affected: None Encoding: 0000 1111 0000 xxxx 0000 xxxx 0000 xxxx Description: No operation. Words: 1 Cycles: 1 Q Cycle Activity: Q1 Q2 Q3 Q4 Decode No operation No operation No operation Example: None. |