Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST10F272Z2Q3 Arkusz danych(PDF) 181 Page - STMicroelectronics

Numer części ST10F272Z2Q3
Szczegółowy opis  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Arkusz danych(HTML) 181 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 177Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 178Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 179Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 180Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 181Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 182Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 183Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 184Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 189 page
background image
ST10F272Z2
Electrical characteristics
181/189
Figure 63.
External bus arbitration (regaining the bus)
1.
This is the last chance for BREQ to trigger the indicated regain-sequence. Even if BREQ is activated
earlier, the regain-sequence is initiated by HOLD going high. Please note that HOLD may also be
deactivated without the ST10F272Z2 requesting the bus.
2.
The next ST10F272Z2 driven bus cycle may start here.
CLKOUT
HOLD
HLDA
Other
signals
t62
CSx
(On P6.x)
t67
t62
1)
2)
t65
t61
BREQ
t63
t62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More