| Zakładka z wyszukiwarką danych komponentów |
|
STM32F407ZE Arkusz danych(PDF) 150 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407ZE Arkusz danych(HTML) 150 Page - STMicroelectronics |
|
150 / 154 page ![]() Application block diagrams STM32F405xx, STM32F407xx 150/154 Doc ID 022152 Rev 1 A.5 Complete audio player solutions Two solutions are offered, illustrated in Figure 82 and Figure 83. Figure 82 shows storage media to audio DAC/amplifier streaming using a software Codec. This solution implements an audio crystal to provide audio class I2S accuracy on the master clock (0.5% error maximum, see the Serial peripheral interface section in the reference manual for details). Figure 82. Complete audio player solution 1 Figure 83 shows storage media to audio Codec/amplifier streaming with SOF synchronization of input/output audio streaming using a hardware Codec. Figure 83. Complete audio player solution 2 |