Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPC56EC70B3 Arkusz danych(PDF) 112 Page - STMicroelectronics

Numer części SPC56EC70B3
Szczegółowy opis  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70B3 Arkusz danych(HTML) 112 Page - STMicroelectronics

Back Button SPC56EC70B3 Datasheet HTML 108Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 109Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 110Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 111Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 112Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 113Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 114Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 115Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 118 page
background image
Package characteristics
SPC564Bxx - SPC56ECxx
112/118
Doc ID 17478 Rev 4
Note:
The package is designed according to the Jedec standard No 95-1 Section 14 dedicated to
Ball Grid Array Package Design Guide.
Table 55.
LBGA256 mechanical data
Ref
mm
Min
Typ
Max
A
1.210
1.700
A1
0.300
A2
0.300
A4
0.800
b
0.400
0.500
0.600
D
16.800
17.000
17.200
D1
15.000
E
16.800
17.000
17.200
E1
15.000
e
0.900
1.000
1.100
Z
0.750
1.000
1.250
ddd
0.200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More