Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPEAR1340 Arkusz danych(PDF) 129 Page - STMicroelectronics

Numer części SPEAR1340
Szczegółowy opis  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Arkusz danych(HTML) 129 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 125Page - STMicroelectronics SPEAR1340 Datasheet HTML 126Page - STMicroelectronics SPEAR1340 Datasheet HTML 127Page - STMicroelectronics SPEAR1340 Datasheet HTML 128Page - STMicroelectronics SPEAR1340 Datasheet HTML 129Page - STMicroelectronics SPEAR1340 Datasheet HTML 130Page - STMicroelectronics SPEAR1340 Datasheet HTML 131Page - STMicroelectronics SPEAR1340 Datasheet HTML 132Page - STMicroelectronics SPEAR1340 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 200 page
background image
SPEAr1340
Pin description
Doc ID 023063 Rev 4
129/200
XGPIO234
General purpose IO
IO
C10
XGPIO235
IO
D10
XGPIO236
IO
E10
XGPIO237
IO
E14
XGPIO238
IO
A9
XGPIO239
IO
B9
XGPIO240
IO
C9
XGPIO241
IO
D9
XGPIO242
IO
E9
XGPIO243
IO
C8
XGPIO244
IO
D8
XGPIO245
IO
E8
XGPIO246
IO
C7
XGPIO247
IO
D7
XGPIO248
IO
E7
XGPIO249
IO
C6
Table 36.
XGPIO signals description (continued)
Signal name
Description
Type
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More